Part Number Hot Search : 
CSS1013S SA101 20N06 PP80N0 74107 D4538BC SMV3300A TR300
Product Description
Full Text Search
 

To Download MC-1425-15-18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC-1425 Miniature Close Differential Reed Switch Form A, Center Contact, 10W
All dimensions in mm This form A reed switch is built with specially pressed blades with slightly higher rigidity for close differential, low hysteresis applications where an operate and release is required with minimum magnet travel or minimum change in coil voltage. This reed switch is Lead (Pb) free and RoHS compliant. Formations Available
Cropped
SMD
Welded
Soldered
Goal post
L Formed
Applications This reed switch is suitable for use in the following applications and many others: automobile seatbelt sensors, automobile coolant flow sensing, digital wind vanes, ferrous metal detection sensors, gear speed and direction sensors... Electrical Differential (min) Operate Range Release Range Contact Rating (max) Switching Current (max) Carry Current (max) Switching Voltage (max) Switching Voltage (max) Breakdown Voltage Initial Contact Resistance (max) Insulation Resistance (min) Capacitance (min) Miscellaneous Operate Time (max) Bounce Time (max) Release Time (max) Resonance Frequency Operating Frequency Operating Temperature Test Coil Lead out plating Shock Resistance Vibration (10-2000Hz)
% AT AT W/ VA A A VDC VAC VDC m pF
70 10 - 40 7.5 - 30 10.0 0.5 1.50 180 130 200 150 10 11 0.20
ms ms ms Hz Hz C
g g
0.5 0.15 0.15 >2000 500 -40 to +200 717 102 005 Sn (Pb free) 50 20
Ordering Code MC-1425-(Start Operate AT)-(Finish Operate AT) Example MC-1425-15-18 Denotes 15-18 Operate AT band. Other Configurations Available Dynamic contact resistance limit, Higher insulation resistance, Special release limits, Gold plates leads
Please refer to our reed switch usage notes
Due to continual improvement, specifications are subject to change without notice
www.reed-sensor.com
10 May 2008 Reed Relays and Electronics India Limited info@reed-switch.com Tel 91-44-6528-4022


▲Up To Search▲   

 
Price & Availability of MC-1425-15-18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X